Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08052C103MAT7A Datasheet(PDF) 8 Page - AVX Corporation

Part # 08052C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103MAT7A Datasheet(HTML) 8 Page - AVX Corporation

Back Button 08052C103MAT7A Datasheet HTML 4Page - AVX Corporation 08052C103MAT7A Datasheet HTML 5Page - AVX Corporation 08052C103MAT7A Datasheet HTML 6Page - AVX Corporation 08052C103MAT7A Datasheet HTML 7Page - AVX Corporation 08052C103MAT7A Datasheet HTML 8Page - AVX Corporation 08052C103MAT7A Datasheet HTML 9Page - AVX Corporation 08052C103MAT7A Datasheet HTML 10Page - AVX Corporation 08052C103MAT7A Datasheet HTML 11Page - AVX Corporation 08052C103MAT7A Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
48
Tape Size
B
1
D
1
E
2
FP
1
RT
2
WA
0 B0 K0
Max.
Min.
Min.
Min.
Max.
See Note 5
See Note 2
8mm
4.35
1.00
6.25
3.50 ± 0.05
4.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.157 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
4.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.157 ± 0.004)
(1.181)
(0.256)
(0.484)
8mm
4.35
1.00
6.25
3.50 ± 0.05
2.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
1/2 Pitch
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.079 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
8.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
Double
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.315 ± 0.004)
(1.181)
(0.256)
(0.484)
Pitch
Embossed Carrier Configuration
8 & 12mm Tape Only
P0
B0
P1
P2
D0
T2
T
TOP COVER
TAPE
DEFORMATION
BETWEEN
EMBOSSMENTS
CENTER LINES
OF CAVITY
MAX. CAVITY
SIZE - SEE NOTE 1
D1 FOR COMPONENTS
2.00 mm x 1.20 mm AND
LARGER (0.079 x 0.047)
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2mm (±0.008)
B1
E1
F
EMBOSSMENT
User Direction of Feed
E2
W
K0
T1
S1
A0
B1 IS FOR TAPE READER REFERENCE ONLY
INCLUDING DRAFT CONCENTRIC AROUND B0
8 & 12mm Embossed Tape
Metric Dimensions Will Govern
CONSTANT DIMENSIONS
VARIABLE DIMENSIONS
NOTES:
1. The cavity defined by A
0, B0, and K0 shall be configured to provide the following:
Surround the component with sufficient clearance such that:
a) the component does not protrude beyond the sealing plane of the cover tape.
b) the component can be removed from the cavity in a vertical direction without mechanical
restriction, after the cover tape has been removed.
c) rotation of the component is limited to 20º maximum (see Sketches D & E).
d) lateral movement of the component is restricted to 0.5mm maximum (see Sketch F).
2. Tape with or without components shall pass around radius “R” without damage.
3. Bar code labeling (if required) shall be on the side of the reel opposite the round sprocket holes.
Refer to EIA-556.
4. B
1 dimension is a reference dimension for tape feeder clearance only.
5. If P
1 = 2.0mm, the tape may not properly index in all tape feeders.
Tape Size
D
0
EP
0
P
2
S
1 Min.
T Max.
T
1
8mm
1.75 ± 0.10
4.0 ± 0.10
2.0 ± 0.05
0.60
0.60
0.10
and
(0.069 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.002)
(0.024)
(0.024)
(0.004)
12mm
Max.
0.50mm (0.020)
Maximum
0.50mm (0.020)
Maximum
Top View, Sketch "F"
Component Lateral Movements
1.50
+0.10
-0.0
(0.059
+0.004 )
-0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com