Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08052C103MAT7A Datasheet(PDF) 11 Page - AVX Corporation

Part # 08052C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103MAT7A Datasheet(HTML) 11 Page - AVX Corporation

Back Button 08052C103MAT7A Datasheet HTML 7Page - AVX Corporation 08052C103MAT7A Datasheet HTML 8Page - AVX Corporation 08052C103MAT7A Datasheet HTML 9Page - AVX Corporation 08052C103MAT7A Datasheet HTML 10Page - AVX Corporation 08052C103MAT7A Datasheet HTML 11Page - AVX Corporation 08052C103MAT7A Datasheet HTML 12Page - AVX Corporation 08052C103MAT7A Datasheet HTML 13Page - AVX Corporation 08052C103MAT7A Datasheet HTML 14Page - AVX Corporation 08052C103MAT7A Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
51
I. Capacitance (farads)
English: C = .224 K A
T
D
Metric: C =
.0884 K A
T
D
II. Energy stored in capacitors (Joules, watt - sec)
E = 1⁄2 CV2
III. Linear charge of a capacitor (Amperes)
I = C
dV
dt
IV. Total Impedance of a capacitor (ohms)
Z =
R
2
S +
(XC - XL )2
V. Capacitive Reactance (ohms)
xc =
1
2
π fC
VI. Inductive Reactance (ohms)
xL = 2
π fL
VII. Phase Angles:
Ideal Capacitors: Current leads voltage 90°
Ideal Inductors: Current lags voltage 90°
Ideal Resistors: Current in phase with voltage
VIII. Dissipation Factor (%)
D.F.= tan
(loss angle) = E.S.R. = (2
πfC) (E.S.R.)
Xc
IX. Power Factor (%)
P.F. = Sine
(loss angle) = Cos
f (phase angle)
P.F. = (when less than 10%) = DF
X. Quality Factor (dimensionless)
Q = Cotan
(loss angle) = 1
D.F.
XI. Equivalent Series Resistance (ohms)
E.S.R. = (D.F.) (Xc) = (D.F.) / (2
π fC)
XII. Power Loss (watts)
Power Loss = (2
π fCV2) (D.F.)
XIII. KVA (Kilowatts)
KVA = 2
π fCV2 x 10-3
XIV. Temperature Characteristic (ppm/°C)
T.C. =
Ct – C25
x 106
C25 (T
t – 25)
XV. Cap Drift (%)
C.D. =
C1 – C2
x 100
C
1
XVI. Reliability of Ceramic Capacitors
L
0 =
V
t
XT
t
Y
L
t
(
V
o )( To )
XVII. Capacitors in Series (current the same)
Any Number:
1
=
1 + 1 --- 1
CT
C1
C2
CN
C1 C2
Two: CT =
C1 + C2
XVIII. Capacitors in Parallel (voltage the same)
CT = C1 + C2 --- + CN
XIX. Aging Rate
A.R. = %D C/decade of time
XX. Decibels
db = 20 log V1
V2
Pico
X 10-12
Nano
X 10-9
Micro
X 10-6
Milli
X 10-3
Deci
X 10-1
Deca
X 10+1
Kilo
X 10+3
Mega
X 10+6
Giga
X 10+9
Tera
X 10+12
K= Dielectric Constant
f
= frequency
L
t
= Test life
A= Area
L
= Inductance
V
t
= Test voltage
T
D
= Dielectric thickness
= Loss angle
V
o
= Operating voltage
V= Voltage
f
= Phase angle
T
t
= Test temperature
t= time
X & Y
= exponent effect of voltage and temp.
T
o
= Operating temperature
Rs
= Series Resistance
L
o
= Operating life
METRIC PREFIXES
SYMBOLS
Basic Capacitor Formulas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com