Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08052C103MAT7A Datasheet(PDF) 13 Page - AVX Corporation

Part # 08052C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103MAT7A Datasheet(HTML) 13 Page - AVX Corporation

Back Button 08052C103MAT7A Datasheet HTML 9Page - AVX Corporation 08052C103MAT7A Datasheet HTML 10Page - AVX Corporation 08052C103MAT7A Datasheet HTML 11Page - AVX Corporation 08052C103MAT7A Datasheet HTML 12Page - AVX Corporation 08052C103MAT7A Datasheet HTML 13Page - AVX Corporation 08052C103MAT7A Datasheet HTML 14Page - AVX Corporation 08052C103MAT7A Datasheet HTML 15Page - AVX Corporation 08052C103MAT7A Datasheet HTML 16Page - AVX Corporation 08052C103MAT7A Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
53
In specifying capacitance change with temperature for Class
2 materials, EIA expresses the capacitance change over an
operating temperature range by a 3 symbol code. The first
symbol represents the cold temperature end of the temper-
ature range, the second represents the upper limit of the
operating temperature range and the third symbol repre-
sents the capacitance change allowed over the
operating temperature range. Table 1 provides a detailed
explanation of the EIA system.
Effects of Voltage – Variations in voltage have little effect
on Class 1 dielectric but does affect the capacitance and
dissipation factor of Class 2 dielectrics. The application of
DC voltage reduces both the capacitance and dissipation
factor while the application of an AC voltage within a
reasonable range tends to increase both capacitance and
dissipation factor readings. If a high enough AC voltage is
applied, eventually it will reduce capacitance just as a DC
voltage will. Figure 2 shows the effects of AC voltage.
Capacitor specifications specify the AC voltage at which to
measure (normally 0.5 or 1 VAC) and application of the
wrong voltage can cause spurious readings. Figure 3 gives
the voltage coefficient of dissipation factor for various AC
voltages at 1 kilohertz. Applications of different frequencies
will affect the percentage changes versus voltages.
Typical effect of the application of DC voltage is shown in
Figure 4. The voltage coefficient is more pronounced for
higher K dielectrics. These figures are shown for room tem-
perature conditions. The combination characteristic known
as voltage temperature limits which shows the effects of
rated voltage over the operating temperature range is
shown in Figure 5 for the military BX characteristic.
General Description
Figure 2
50
40
30
20
10
0
12.5
25
37.5
50
Volts AC at 1.0 KHz
Cap. Change vs. A.C. Volts
X7R
Figure 3
Curve 3 - 25 VDC Rated Capacitor
Curve 2 - 50 VDC Rated Capacitor
Curve 1 - 100 VDC Rated Capacitor
Curve 3
Curve 2
Curve 1
.5
1.0
1.5
2.0
2.5
AC Measurement Volts at 1.0 KHz
10.0
8.0
6.0
4.0
2.0
0
D.F. vs. A.C. Measurement Volts
X7R
EIA CODE
Percent Capacity Change Over Temperature Range
RS198
Temperature Range
X7
-55°C to +125°C
X5
-55°C to +85°C
Y5
-30°C to +85°C
Z5
+10°C to +85°C
Code
Percent Capacity Change
D±3.3%
E±4.7%
F±7.5%
P±10%
R±15%
S±22%
T
+22%, -33%
U
+22%, - 56%
V
+22%, -82%
MIL CODE
Symbol
Temperature Range
A
-55°C to +85°C
B
-55°C to +125°C
C
-55°C to +150°C
Symbol
Cap. Change
Cap. Change
Zero Volts
Rated Volts
R
+15%, -15%
+15%, -40%
W
+22%, -56%
+22%, -66%
X
+15%, -15%
+15%, -25%
Y
+30%, -70%
+30%, -80%
Z
+20%, -20%
+20%, -30%
Table 1: EIA and MIL Temperature Stable and General
Application Codes
EXAMPLE – A capacitor is desired with the capacitance value at 25°C
to increase no more than 7.5% or decrease no more than 7.5% from
-30°C to +85°C. EIA Code will be Y5F.
Temperature characteristic is specified by combining range and
change symbols, for example BR or AW. Specification slash sheets
indicate the characteristic applicable to a given style of capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com