Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08052C103MAT7A Datasheet(PDF) 10 Page - AVX Corporation

Part # 08052C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103MAT7A Datasheet(HTML) 10 Page - AVX Corporation

Back Button 08052C103MAT7A Datasheet HTML 6Page - AVX Corporation 08052C103MAT7A Datasheet HTML 7Page - AVX Corporation 08052C103MAT7A Datasheet HTML 8Page - AVX Corporation 08052C103MAT7A Datasheet HTML 9Page - AVX Corporation 08052C103MAT7A Datasheet HTML 10Page - AVX Corporation 08052C103MAT7A Datasheet HTML 11Page - AVX Corporation 08052C103MAT7A Datasheet HTML 12Page - AVX Corporation 08052C103MAT7A Datasheet HTML 13Page - AVX Corporation 08052C103MAT7A Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
50
Bulk Case Packaging
CASE QUANTITIES
Part Size
0402
0603
0805
1206
Qty.
10,000 (T=.023")
5,000 (T=.023")
(pcs / cassette)
80,000
15,000
8,000 (T=.031")
4,000 (T=.032")
6,000 (T=.043")
3,000 (T=.044")
BENEFITS
BULK FEEDER
• Easier handling
• Smaller packaging volume
(1/20 of T/R packaging)
• Easier inventory control
• Flexibility
• Recyclable
CASE DIMENSIONS
Shutter
Slider
Attachment Base
110mm
12mm
36mm
Case
Cassette
Gate
Shooter
Chips
Expanded Drawing
Mounter
Head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com