Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7860 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-7860 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Solder Reflow Temperature Profile
Recommended Lead Free IR Profile
217˚C
RAMP-DOWN
6˚C/SEC. MAX.
RAMP-UP
3˚C/SEC. MAX.
150 - 200˚C
260 +0/-5˚C
t 25˚C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5˚C of ACTUAL
PEAK TEMPERATURE
tp
t
s
PREHEAT
60 to 180 SEC.
t
L
T
L
T
smax
T
smin
25
T
p
TIME (SECONDS)
NOTES:
THE TIME FROM 25˚C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200˚C, Tsmin = 150˚C
UL
Approval under UL 1577,
component recognition program
up to VISO = 3750 VRMS.
File E55361.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01.
Regulatory Information
The HCPL-7860/HCPL-786J has been approved by the following organizations:
CSA
Approval under CSA Component
Acceptance Notice #5, File CA
88324.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160˚C
140˚C
150˚C
PEAK
TEMP.
245˚C
PEAK
TEMP.
240˚C
PEAK
TEMP.
230˚C
SOLDERING
TIME
200˚C
PREHEATING TIME
150˚C, 90 + 30 SEC.
2.5˚C ± 0.5˚C/SEC.
3˚C + 1˚C/-0.5˚C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3˚C + 1˚C/-0.5˚C/SEC.
REFLOW HEATING RATE 2.5˚C ± 0.5˚C/SEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com