Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7860 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-7860 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Package Outline Drawings
8-pin DIP Package
9.80 ± 0.25
(0.386 ± 0.010)
PIN ONE
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A 7860X
YYWW
DATE CODE
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5˚ TYP.
7.62 ± 0.25
(0.300 ± 0.010)
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20mils) MAX.
NOTE: INITIAL OR CONTINUED VARIATION IN THE COLOUR OF THE HCPL-7860/HCPL-786J’S WHITE MOLD COMPOUND IS
NORMAL AND DOES NOT AFFECT DEVICE PERFORMANCE OR RELIABILITY.
*ALL UNITS WITHIN EACH HCPL-7860 STANDARD PACKAGING INCREMENT (EITHER 50 PER TUBE OR 1000 PER REEL) HAVE
A COMMON MARKING SUFFIX TO REPRESENT AN ABSOLUTE REFERENCE VOLTAGE TOLERANCE OF ± 1%. AN ABSOLUTE
REFERENCE VOLTAGE TOLERANCE OF ± 4% IS GUARANTEED BETWEEN STANDARD PACKAGING INCREMENTS.
5
6
7
8
4
3
2
1
REFERENCE VOLTAGE
MATCHING SUFFIX*
TYPE NUMBER
3.56 ± 0.13
(0.140 ± 0.005)
6.35 ± 0.25
(0.250 ± 0.010)
0.20 (0.008)
0.33 (0.013)
2.54 ± 0.25
(0.100 ± 0.010)
1.080 ± 0.320
(0.043 ± 0.013)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com