Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7860 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Figure 10. SNR vs. Conversion Mode.
Figure 11. Effective Resolution vs. Conversion
Mode.
Figure 12. Conversion Time vs. Conversion
Mode.
Figure 13. Signal Delay vs. Conversion Mode.
Figure 14. Over-Range and Threshold Detect
Times.
Figure 15. Signal Bandwidth vs. Conversion
Mode.
CONVERSION MODE #
11
2
14
3
8
12
1
13
10
9
45
CONVERSION MODE #
60
2
80
4
45
70
5
75
55
50
65
3
1
CONVERSION MODE #
100
80
2
200
3
0
140
PRE-TRIGGER
MODE 2
180
1
160
120
60
40
20
PRE-TRIGGER
MODE 0
PRE-TRIGGER
MODE 1
45
CONVERSION MODE #
40
2
100
3
0
80
1
90
30
20
60
70
50
10
45
2 µs/DIV.
VIN+(200 mV/DIV.)
OVR1 (200 mV/DIV.)
THR1
(2 V/DIV.)
CONVERSION MODE #
40
2
100
3
0
80
1
90
30
20
60
70
50
10
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com