Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7860 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-7860 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Option data sheets available. Contact Agilent sales representative or authorized distributor.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead
free option will use “–”
HCPL-7860#XXXX
No option = Standard DIP package, 50 units per tube.
300 = Gull Wing Surface Mount Option, 50 units per tube.
500 = Tape and Reel Packaging Option, 1000 units per reel.
XXXE = Lead-Free Option
HCPL-786J#XXXX
No option = Standard DIP package, 45 units per tube.
500 = Tape and Reel Packaging Option, 850 units per reel.
XXXE = Lead-Free Option
Ordering Information
Specify part number followed by option number (if desired).
Example:
Pin Description
Symbol
Description
Symbol
Description
VDD1
Supply voltage input (4.5 V to 5.5 V)
VDD2
Supply voltage input (4.5 V to 5.5 V)
VIN+
Positive input (± 200 mV recommended)
MCLK
Clock output (10 MHz typical)
VIN-
Negative input (normally connected to GND1)
MDAT
Serial data output
GND1
Input ground
GND2
Output ground
HCPL-7860
1
2
3
4
8
7
6
5
V
DD1
V
IN+
V
IN-
GND1
V
DD2
MCLK
MDAT
GND2
SHIELD
ISOLATION
BOUNDARY
DECODE
SIGMA-
DELTA
MOD./
ENCODE
5
6
12
11
NC
NC
NC
MDAT
7
10
NC
NC
8
9
GND1
GND2
1
2
16
15
V
DD1
V
IN+
GND2
NC
3
14
V
IN-
V
DD2
4
13
NC
MCLK
SIGMA-
DELTA
MOD./
ENCODER
DECODER
HCPL-786J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com