Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q02JC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14
Am79Q02/021/031 Data Sheet
Attenuation Distortion
Group Delay Distortion
For either transmission path, the group delay distortion is within the limits shown in Figure 2. The minimum value
of the group delay is taken as the reference. The signal level should be 0 dBm0.
2
1
0
Frequency (Hz)
0.75 dB
– 0.125
0.125
Receive curve 1 dB
QSLAC Device Specification
19256A-006
Figure 1. Attenuation Distortion
Attenuation (dB)
200
300
3000
3400
Transmit curve 1.8 dB
Transmit only
0
90
150
420
QSLAC Device Specification
(Either Path)
Frequency (Hz)
19256A-007
Delay (
µs)
Figure 2. Group Delay Distortion
500 600
1000
2600
2800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com