Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q02JC Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 48Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 49Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 50Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 51Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 52Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 53Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 54Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 55Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
52
Am79Q02/021/031 Data Sheet
43, 44. Write/Read B2 Filter Coefficients (IIR)
MPI Command
(96/97h)
R/W = 0: Write
R/W = 1: Read
This function is described in Write/Read B1 Filter Coefficients (FIR) on page 49.
Power Up and Hardware Reset (RST) Values = AC01 (Hex) (B11 = 0.97656)
See note under Commands 31 and 32.
45, 46. Write/Read Debounce Time Register**
MPI Command
(C8/C9h)
R/W = 0: Write
R/W = 1: Read
Enable E1
EE1 = 0*
E1 multiplexing turned off
EE1 = 1
E1 multiplexing turned on
E1 Polarity
E1P = 0*
E1 is a high-going pulse
E1P = 1
E1 is a low-going pulse
There is no E1 output unless CMODE = 1.
Debounce for Switchhook
DSH = 0–15
Debounce period in ms
DSH contains the debouncing time (in ms) of the CD1 data (usually switchhook)
entering the Real Time Data register described earlier. The input data must remain
stable for the debouncing time in order to change the appropriate real time bit.
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
Enable Chopper
ECH = 0*
Chopper output (CHCLK) turned off
ECH = 1
Chopper output (CHCLK) turned on
* Power Up and Hardware Reset (RST) Value = 20h.
** This command applies to all channels and does not depend on the state of the Channel
Enable Register.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
1
0
1
1
R/W
I/O Data Byte 1
C411
m411
C311
m311
I/O Data Byte 2
C211
m211
C111
m111
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
1
0
0
1
0
0
R/W
I/O Data
EE1
E1P
DSH3
DSH2
DSH1
DSH0
RSVD
ECH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com