Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q02JC Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 43Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 44Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 45Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 46Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
SLAC Products
43
16, 17. Read Real-Time Data Register
MPI Command
(4D/4Fh)
C = 0: Do not clear interrupt
C = 1: Clear interrupt
This register writes/reads real-time data with or without clearing the interrupt.
Real Time Data
CDA1
Debounced data bit 1 on Channel 1
CDB1
Data bit 2 or multiplexed data bit 1 on Channel 1
CDA2
Debounced data bit 1 on Channel 2
CDB2
Data bit 2 or multiplexed data bit 1 on Channel 2
CDA3
Debounced data bit 1 on Channel 3
CDB3
Data bit 2 or multiplexed data bit 1 on Channel 3
CDA4
Debounced data bit 1 on Channel 4
CDB4
Data bit 2 or multiplexed data bit 1 on Channel 4
This command does not depend on the state of the Channel Enable Register.
18, 19. Write/Read AISN and Analog Gains
MPI Command
(50/51h)
R/W = 0: Write
R/W = 1: Read
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
Transmit Analog Gain
AX = 0*
0 dB gain
AX = 1
6.02 dB gain
Receive Analog Loss
AR = 0*
0 dB loss
AR = 1
6.02 dB loss
AISN coefficient
AISN = 0* – 31
See below (Default value = 0)
The Impedance Scaling Network (AISN) gain can be varied from –0.9375 to 0.9375
in multiples of 0.0625. The gain coefficient is decoded using the following equation:
where hAISN is the gain of the AISN. A value of AISN = 10000 turns on the Full Digital
Loopback mode and a value of AISN = 0000* indicates a gain of 0 (cutoff).
* Power Up and Hardware Reset (RST) Value = 00h.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
1
1
C
1
Output Data
CDB4
CDA4
CDB3
CDA3
CDB2
CDA2
CDB1
CDA1
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
0
R/W
I/O Data
RSVD
AX
AR
AISN4
AISN3
AISN2
AISN1
AISN0
hAISN
0.0625
=
16 AISN4 8 AISN3 4 AISN2 2 AISN1 AISN0
+
•
+
•
+
•
+
•
() 16
–
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com