Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q02JC Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 34Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
38
Am79Q02/021/031 Data Sheet
SUMMARY OF MPI COMMANDS*
Note:
*All codes not listed are reserved by Legerity and should not be used.
Number
Hex
Description
1
00
Deactivate (Standby Mode)
2
02
Software Reset
3
04
Hardware Reset
4
06
No Operation
5
0E
Activate (Operational Mode)
6,7
40/41
Write/Read Transmit Time Slot and PCM Highway Selection
8,9
42/43
Write/Read Receive Time Slot and PCM Highway Selection
10,11
44/45
Write/Read REC & TX Clock Slot and TX Edge
12,13
46/47
Write/Read Configuration Register
14,15
4A/4B
Write/Read Channel Enable & Operating Mode Register
16
4D
Read Real Time Data Register
17
4F
Read Real Time Data Register and Clear Interrupt
18,19
50/51
Write/Read AISN and Analog Gains
20,21
52/53
Write/Read SLIC Input/Output Register
22,23
54,55
Write/Read SLIC Input/Output Direction and Status Bits
24,25
60/61
Write/Read Operating Functions
26,27
6C/6D
Write/Read Interrupt Mask Register
28,29
70/71
Write/Read Operating Conditions
30
73
Read Revision Code Number (RCN)
31,32
80/81
Write/Read GX Filter Coefficients
33,34
82/83
Write/Read GR Filter Coefficients
35,36
84/85
Write/Read Z Filter Coefficients (FIR and IIR)
37, 38
86/87
Write/Read B1 Filter Coefficients (FIR)
39, 40
88/89
Write/Read X Filter Coefficients
41, 42
8A/8B
Write/Read R Filter Coefficients
43, 44
96/97
Write/Read B2 Filter Coefficients (IIR)
45, 46
C8/C9
Write/Read Debounce Time Register
47
CD
Read Transmit PCM Data
48, 49
98/99
Write/Read Z Filter Coefficients (FIR only)
50, 51
9A/9B
Write/Read Z Filter Coefficients (IIR only)
52,53
E8/E9h
Write/Read Ground Key Filter Sampling Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com