Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9521 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC9521
Description  USB Power-Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9521 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC9521 Datasheet HTML 1Page - First Silicon Co., Ltd FC9521 Datasheet HTML 2Page - First Silicon Co., Ltd FC9521 Datasheet HTML 3Page - First Silicon Co., Ltd FC9521 Datasheet HTML 4Page - First Silicon Co., Ltd FC9521 Datasheet HTML 5Page - First Silicon Co., Ltd FC9521 Datasheet HTML 6Page - First Silicon Co., Ltd FC9521 Datasheet HTML 7Page - First Silicon Co., Ltd FC9521 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2017. 03. 02
4/8
FC9521
Revision No : 0
Unless otherwise specified, these specifica�ons apply over VIN=5V, VEN =5V and TA= -40 ~ 85 ℃. Typical values are at TA=25℃
Symbol
Parameter
Test Condi�ons
Min.
Typ.
Max.
Unit
SUPPLYCURRENT
VIN Supply Current
No load, VEN=0V
-
-
1
μA
No load, VEN=5V
-
120
150
μA
Leakage Current
VOUT=GND, VEN=0V
-
-
1
μA
Reverse Leakage Current
VIN=GND, VOUT=5V, VEN=0V
-
-
1
μA
POWER SWITCH
RDS(ON)
Power Switch On Resistance IOUT=1A, TA= 25℃
-
25
36
mΩ
UNDER-VOLTAGE LOCKOUT (UVLO)
VIN
UVLO
Threshold
Voltage
VIN rising, TA= -40 ~ 85 ℃
-
3.5
-
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTIONS
ILIM
Current Limit Threshold
default
2.1
2.4
2.5
A
iset
1.1
-
3.9
A
ISHORT
Short-Circuit Output
Current
80%
-
95%
-
EN INPUT PIN
VIH
Input Logic High
VIN=3.6V to 5V
2
-
-
V
VL
Input Logic Low
VIN=3.6V to 5V
-
-
0.8
V
Input Current
-
-
1
μA
VOUT Discharge Resistance
VEN=0V, VOUT=1V
-
40
-
Ω
tD(ON)
Turn On Delay Time
-
30
-
μS
tD(OFF)
Turn Off Delay Time
-
30
-
μS
tSS
So�-Start Time
No load, COUT=1μF, VIN=5V
-
400
-
μS
OVER-TEMPERATUREPROTECTION(OTP)
TOTP
Over-Temperature
Threshold
TJ rising
-
140
-
℃
Over-Temperature
Hysteresis
-
20
-
℃
.
Electrical Characteris�cs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com