Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9521 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC9521
Description  USB Power-Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9521 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FC9521 Datasheet HTML 1Page - First Silicon Co., Ltd FC9521 Datasheet HTML 2Page - First Silicon Co., Ltd FC9521 Datasheet HTML 3Page - First Silicon Co., Ltd FC9521 Datasheet HTML 4Page - First Silicon Co., Ltd FC9521 Datasheet HTML 5Page - First Silicon Co., Ltd FC9521 Datasheet HTML 6Page - First Silicon Co., Ltd FC9521 Datasheet HTML 7Page - First Silicon Co., Ltd FC9521 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2016. 9. 28
8/8
FC9521
Revision No : 0
Input Capacitor
A 1μF ceramic bypass capacitor from VIN to GND, located
near the FC9521, is strongly recommended to suppress the
ringing during short circuit fault event. Without the bypass
capacitor, the output short may cause sufficient ringing on
the input (from supply lead inductance) to damage internal
control circuitry.
Output Capacitor
A low-ESR 10μF aluminum electroly�c or tantalum between
VOUT and GND is strongly recommended to reduce the voltage
drop during hot-a�achment of downstream peripheral. (Per
USB 2.0, output ports must have a minimum 120μF of
low-ESR bulk capacitance per hub).
Higher-value output capacitor is be�er when the output load
is heavy. Addi�onally, bypassing the output with a 0.1μF
ceramic capacitor improves the immunity of the device to
short-circuit transients.
Layout Considera�on
The PCB layout should be carefully performed to maximize
thermal dissipa�on and to minimize voltage drop, droop and
EMI. The following guidelines must be considered:
1. Please place the input capacitors near the VIN pin as close
as possible.
2. Output decoupling capacitors for load must be placed near
the load as close as possible for decoupling high frequency
ripples.
3. Locate FC9521 and output capacitors near the load to
reduce parasi�c resistance and inductance for excellent load
transient performance.
4. The nega�ve pins of the input and output capacitors and
the GND pin must be connected to the ground plane of the
load.
5. Keep VIN and VOUT traces as wide and short as possible.
Applica�on Informa�on



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com