Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9521 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9521
Description  USB Power-Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9521 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9521 Datasheet HTML 1Page - First Silicon Co., Ltd FC9521 Datasheet HTML 2Page - First Silicon Co., Ltd FC9521 Datasheet HTML 3Page - First Silicon Co., Ltd FC9521 Datasheet HTML 4Page - First Silicon Co., Ltd FC9521 Datasheet HTML 5Page - First Silicon Co., Ltd FC9521 Datasheet HTML 6Page - First Silicon Co., Ltd FC9521 Datasheet HTML 7Page - First Silicon Co., Ltd FC9521 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
The FC9521 power switches are designed for USB
applica�ons. The 25m
Ω N
�
-channel MOSFET power
switch sa�sfies the voltage drop requirements of USB
specifica�on.
The protec�on features include current-limit protec�on,
short-circuit protec�on, and over-temperature protec�on.
The device limits the output current at current limit
threshold level. The over-temperature protec�on limits
the junc�on temperature below 140℃ in case of short
circuit or over load condi�ons. An enable input to enable
or disable the device.
FC9521
25mΩ High Side MOSFET
Voltage Range: 3.5V to 5.5V
Current-Limit and Short-Circuit Protec�ons
Over-Temperature Protec�on
Iset Input
Enable Input
Lead Free and Green Devices Available
Notebook and Desktop Computers
USB Ports
High-Side Power Protec�on Switches
SOT-25 (Top-View)
Pin Number
Pin Name
Descrip�on
1
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When ENB is
high or EN is low, the output voltage is discharged by an internal resistor.
2
GND
Ground.
3
ISET
i set pin. ILim=120k*1.2V/Riset
4
EN
Enable Input. Pulling this pin to high will enable the device and pulling this pin
to low will disable device. The EN pin cannot be le� floa�ng.
5
VIN
Power Supply Input. Connect this pin to external DC supply.
USB Power-Distribu�on Switch
Features
Pin Configura�ons
2017. 03. 02
Applica�ons
DIM MILLIMETERS
A
B
D
G
SOT-25
2.92± 0.1
1.6± 0.1
2.8± 0.15
0.4± 0.1
0.1MAX
1.1± 0 05
0.95
0.15± 0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
4
1.9± 0.1
A1
5
Pin Func�on Descrip�on


Similar Part No. - FC9521

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
USB Power-Distribution Switch
FC9517A FS-FC9517A Datasheet
796Kb / 12P
USB Power-Distribution Switch
logo
ATGBICS by Approved Tec...
FC95700080-C ATGBICS-FC95700080-C Datasheet
293Kb / 8P
FC95700080 Fujitsu Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
FC95700190-C ATGBICS-FC95700190-C Datasheet
285Kb / 8P
FC95700190 Fujitsu Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FC95705000-C ATGBICS-FC95705000-C Datasheet
293Kb / 8P
FC95705000 Fujitsu Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - FC9521

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2041 SEMTECH-SC2041 Datasheet
199Kb / 14P
HotSwitch??USB Power Distribution Switch With Shutdown
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
HotSwitch??USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
Quad USB Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
Quad USB Power Distribution Switch
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
Dual USB Power Distribution Switch Final Information
logo
Eutech Microelectronics...
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
USB Power-Distribution Switch with Fault Blanking
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com