Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9521 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9521
Description  USB Power-Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9521 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC9521 Datasheet HTML 1Page - First Silicon Co., Ltd FC9521 Datasheet HTML 2Page - First Silicon Co., Ltd FC9521 Datasheet HTML 3Page - First Silicon Co., Ltd FC9521 Datasheet HTML 4Page - First Silicon Co., Ltd FC9521 Datasheet HTML 5Page - First Silicon Co., Ltd FC9521 Datasheet HTML 6Page - First Silicon Co., Ltd FC9521 Datasheet HTML 7Page - First Silicon Co., Ltd FC9521 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2017. 03. 02
7/8
FC9521
Revision No : 0
VIN Under-Voltage Lockout (UVLO)
The FC9521 power switches have a built-in under-voltage lockout
circuit to keep the output shu�ng off un�l internal circuitry is
opera�ng properly. The UVLO circuit has hysteresis and a de-glitch
feature so that it will typically ignore undershoot transients on the
input. When input voltage exceeds the UVLO threshold, the output
voltage starts a so�-start to reduce the inrush current.
Power Switch
The power switch is an N-channel MOSFET with a low RDS(ON). The
internal power MOSFET does not have the body diode. When IC is off,
the MOSFET prevents a current flowing from the VOUT back to VIN and
VIN to VOUT.
Current-Limit Protec�on
The FC9521 power switches provide the current- limit protec�on
func�on. During current-limit, the devices limit output current at
current limit threshold. For reliable opera�on, the device should not be
operated in current-limit for extended period.
Short-Circuit Protec�on
When the output voltage drops below 1.5V, which is caused by an
over-load or a short-circuit, the devices limit the output current down
to a safe level. The short-circuit current limit is used to reduce the
power dissipa�on during short-circuit condi�ons. If the junc�on
temperature reaches over-temperature threshold, the device will enter
the thermal shutdown.
ISET
ISET pin can set the current limit by Riset:
ILim=120k*1.2V/Riset
Enable/Disable
Pull the EN below 0.8V will disable the device, and pull EN above 2V will
enable the device. When the IC is disabled, the supply current is
reduced to less than 1μA. The enable input is compa�ble with both TTL
and CMOS logic levels. The EN pin cannot be le� floa�ng.
Over-Temperature Protec�on
When the junc�on temperature exceeds 140℃, the internal thermal
sense circuit turns off the power FET and allows the device to cool
down. When the device’s junc�on temperature cools by 20℃, the
internal thermal sense circuit will enable the device, resul�ng in a
pulsed output during con�nuous thermal protec�on. Thermal
protec�on is designed to protect the IC in the event of over
temperature condi�ons. For normal opera�on, the junc�on
temperature cannot exceed TJ=+125℃.
Func�on Descrip�on



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com