Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7282
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7282 Datasheet HTML 7Page - STMicroelectronics ST7282 Datasheet HTML 8Page - STMicroelectronics ST7282 Datasheet HTML 9Page - STMicroelectronics ST7282 Datasheet HTML 10Page - STMicroelectronics ST7282 Datasheet HTML 11Page - STMicroelectronics ST7282 Datasheet HTML 12Page - STMicroelectronics ST7282 Datasheet HTML 13Page - STMicroelectronics ST7282 Datasheet HTML 14Page - STMicroelectronics ST7282 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 11/23
2 IMPLEMENTATION REMARKS OF THE DEDICATIONS
In this chapter the options of the dedications, which are implemented are described. The dedications are
described in detail in the target specs of the dedications. In case of discrepancies between this specifica-
tion and the specs. of the dedications, this specification is valid.
2.1 Core
2.1.1 Oscillator
The oscillator can be used with quartz or ceramic resonator. The pins OSCIN and OSCOUT permit con-
nection to the on chip clock oscillator circuit. OSCIN is the input, OSCOUT the clock oscillator output. A
quartz or a ceramic resonator can be connected to these pins. Two external ceramic capacitors of 22pF
connect the oscillator pins to ground. Also an external system clock can be applied to the oscillator input
OSCIN.
2.1.2 External reset input RESET
Low level active external reset input with Schmitt-Trigger characteristic. A pull-up resistor of typically
300k
Ω ( 200kΩ - 500kΩ ) is integrated. This pin is resetting the I/O ports immediately without any need of
a clock.
2.1.3 Stack
The Stack is located at 3FFH and may go down to 300H.
2.1.4 Interrupts
I1 is connected to IOPorts A ... H (start address FFFAH )
I2 is connected to RDS GRP & BLK SYNC (block interrupt) ( start address FFF8H )
I3 is connected to SIO ( start address FFF6H )
I4 is connected to Timer ( start address FFF4H )
I5 is connected to ADC (start address FFF2H )
I6 is connected to RDS GRP & BLK SYNC (bit interrupt) (start address FFF0H )
If more then 1 input pin of a group, connected to the same interrupt, is selected as interrupt input with pul-
lup, all selected inputs are "AND" connected.
WARNING :
Read modify write instructions may clear interrupt flags of dedications unintentionally if the interrupt flag is
set after the read and before the write. Operations on control registers of dedications should be done with
sufficient timing distance to interrupt events.
2.1.5 Miscellaneous register( 0026h )
Read/Write
Reset Value: 0000 0000 ( 00h )
This register is a various 8-Bit register where only 3 bits are used for interrupt and slow mode.
– b6 = INTP: Interrupt Positive allows to select the I1 line triggering mode in conjunction with INTN. It can
only be modified when the I bit of the CCR is set.
– b5 = INTN: Interrupt Negative allows to select the I1 line triggering mode in conjunction with INTP. It can
only be modified when the I bit of the CCR is set.
– b1 = SM: Slow Mode. Setting this bit to "1" enables Slow Mode, thus reducing power consumption. In
this mode, an extra divider by 64 is added in the clock circuitry. In Halt Mode SM bit is automatically
reset.Registers of all RDS-Modules should not be accessed during slow mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com