Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7282
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7282 Datasheet HTML 15Page - STMicroelectronics ST7282 Datasheet HTML 16Page - STMicroelectronics ST7282 Datasheet HTML 17Page - STMicroelectronics ST7282 Datasheet HTML 18Page - STMicroelectronics ST7282 Datasheet HTML 19Page - STMicroelectronics ST7282 Datasheet HTML 20Page - STMicroelectronics ST7282 Datasheet HTML 21Page - STMicroelectronics ST7282 Datasheet HTML 22Page - STMicroelectronics ST7282 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 19/23
Figure 9. Peripheral Interface Configuration of Serial I/O
2.8 RAM
The RAM is located in the address range A0H-
3FFH.
300H-3FFH may be used as Stack area.
2.9 EEPROM
The 512 bytes EEPROM is located at addresses
0E00 - 0FFF. 2 cells of 256 bytes each or one cell
of 512 bytes may be used. EEPROM control regis-
ter EECR (adr. 014H) is used to control the differ-
ent operation modes of the range 0E00H - 0EFFH,
EEPROM control register EECR2 (adr. 015H) that
of range 0F00H - 0FFFH. Some of its bits are read
only, some are write only. So no single bit instruc-
tions are allowed.
To avoid destruction of data during power up or
down, the reset pin directly desactivates the
chargepump of EEPROM cells.
The EEPROM can be used for data storage only,
no program execution and no read modify write in-
structions (single bit, increment, decrement) are
possible.
After bit E2LAT of EECR goes to low, there should
not be a read operation during the next 20 µsec.
A parallel programming mode for 8 bytes is availa-
ble. No clear is needed before a write.
Two cells of 256 bytes are used, parallel program-
ming of bytes in each cell is possible. This should
be avoided however, to keep software compatitility
between all future versions and ROM versions,
that have only one physical register, that will be
addressed through two different addresses 14H
and 15H.
DR
SCL / PA5
PP / OD
MUX
1
0
OPR
DR
DOUT / PA7
OUT
IN
CLOCK
SERIAL
I / O
DR
SDA / PA6
INTERFA C.DS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com