Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7282
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7282 Datasheet HTML 1Page - STMicroelectronics ST7282 Datasheet HTML 2Page - STMicroelectronics ST7282 Datasheet HTML 3Page - STMicroelectronics ST7282 Datasheet HTML 4Page - STMicroelectronics ST7282 Datasheet HTML 5Page - STMicroelectronics ST7282 Datasheet HTML 6Page - STMicroelectronics ST7282 Datasheet HTML 7Page - STMicroelectronics ST7282 Datasheet HTML 8Page - STMicroelectronics ST7282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 3/23
1.1 Quick Reference
The ST7282A5/B5 is a 32K ROM version of the
ST72 family, using the ST72CORE and N-Well
technology.
It is derived from EPROM M4 version replacing
EPROM by ROM.
Two different commercial products are supported
by this device : ST7282A5 (no LCD driver) func-
tionnality described in specification SD70KL1618
ed. F) and ST7282B5 (LCD driver) functionnality
described in specification 96096 ed. B).
It contains an LCD controller/driver with 20 seg-
ment and 16 backplane outputs able to drive up to
20 x 16 = 320 segments.
The LCD control logic reads automatically data
from the
LCD-RAM independently from the
ST7282 B5.
Further it contains up to 62 I/O pins, 24 of them
can be used as analog inputs to the 8 bit analog-
digital converter. Each digital I/O pin can individu-
ally be defined by software to work in one of the
following modes: open-drain output, push pull out-
put, input, input with pull-up (23 pins only) or inter-
rupt input with pull up (23 pins only). 3 of the digital
I/O pins serve as interface to the SIO. On pin PA4
the pull-up resistor is desactivated.
Port pins PD, PE, PF, PG and PH are multiplexed
with LCD Segment and backplane pins.
A 512 byte EEPROM for non volatile storage of
data is available. The programming voltage for
that device is generated on chip without external
components. So no extra supply is necessary. 16
bytes are protected against external readout.
One interrupt vector is connected to the I/O ports.
Five more interrupt vectors are available for the
timer, the ADC, the serial I/O interface and the
Group & Block Sync module (2). The watchdog
can be set by the user in 64 increments from
2.8msec to 182msec ( f
OSC = 8.55 MHz ).
A synchronous 8 bit serial interface for serial data
IN/OUT is also implemented.
RDS signals can be decoded with the help of RDS
filter, RDS demodulator and Group & Block Sync
module.
1.2 Parameters
The values below substitute the corresponding values in the specifications of dedicated functions.
1.2.1 Absolute maximum ratings
1.2.2 Recommended operating conditions
The maximum accumulated current of all I/O pins
should not exceed 40 mA for VDDP and 40 mA for
VSSP.
* except LCD pins
** MIL 883B Mode, 100pF through 1.5k
Supply voltage
( VDD - VSS )
-0.3 ... +7V
Input voltage*
VIN
VSS-0.3V...VDD+0.3V
Output voltage*
VOUT
VSS-0.3V ... VDD+0.3V
Input current
Iin
-10 ... +10mA
Output current*
IOUT
-10 ... + 10mA
Power dissipation
PD
tbd
Storage temperature
Tstg
-55 ... +125°C
Operation temperature
Tamb
-40 ... +85°C
Display voltage
(VLCD - VSS)VDD ... 7V
Output voltage Seg+COM
VOUT
VSS-0.3V ... VLCD+0.3V
ESD
ESD
2500V
LU susceptibility
LU
VDDA, Pin 52 - Class C
Supply voltage
(VDD - VSS)
4.5 ... 5.5V
Supply votage difference
(VDD, VDDP, VDDA)
(VSS, VSSP, VSSA)
50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com