Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7282
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7282 Datasheet HTML 1Page - STMicroelectronics ST7282 Datasheet HTML 2Page - STMicroelectronics ST7282 Datasheet HTML 3Page - STMicroelectronics ST7282 Datasheet HTML 4Page - STMicroelectronics ST7282 Datasheet HTML 5Page - STMicroelectronics ST7282 Datasheet HTML 6Page - STMicroelectronics ST7282 Datasheet HTML 7Page - STMicroelectronics ST7282 Datasheet HTML 8Page - STMicroelectronics ST7282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 4/23
1.2.3 Electrical Characteristics
The values given in the specifications of dedicated functions are generally not applicable for chips. There-
fore, only the limits listed below are valid for the product. T = -40 ... +85°C, V
DD - VSS = 5V unless otherwise
specified.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply voltage
VDD
4.5
-
5.5
V
Supply current Run Mode
IDD
fOSC=8.55MHz
no output load
-10
20
mA
Supply current Wait Mode
IDD
fOSC=8.55MHz
WD, Timer, LCD active
-3
5
mA
Supply current slow wait mode
IDD
no output load
-
0.7
2
mA
Supply current halt mode
IDD
no output load
-
-
100
µA
Supply current Reset Mode
IDD
VRESET=VSS
f=8.55MHz
-10
15
mA
Display voltage
VLCD
VDD
-7
V
Supply voltage differences
(VDD, VDDP, VDDA)
(VSS, VSSP, VSSA)
VD
--
50
mV
OSCILLATOR:
Input/output cap Cin, Cout
Oscillation frequency 1)
Built up time 2)
fOSC
tBU
VDD = 4.5V
VDD=5.0V
C1=C2=22pF
8.55
-
8.55
8
9.00
8.55
20
pF
MHz
ms
RESET:
Input current 3)
Input current 4)
Input current 5)
Input voltage high
Input voltage low
-IR
IR
IR
VR
VR
Crystal
VR=VSS
VR=VDD
VR=VDD
-
-
-
0.7VDD
+50
+10
-
-
-
+100
+20
1
-
0.2VDD
µA
µA
mA
V
V
POWER-ON RESET
Supply rise time
Supply recovery time 6)
Trigger level on
Trigger level off
tr
trec
Vtlon
Vtloff
10%-90%
.01
10
1.4
-
-
-
.-
-
10
-
-
3
ms
ms
V
V
RDS FILTER:
Center frequency
3dB Bandwith
Gain
Attenuation
Input impedance
Load impedance
MPX input signal
fc
BW
G
A
RI
RL
VIN
Vin = 3mVRMS
57 KHz, Vin = 3mVRMS
∆f = ±4 KHz
f = 38 KHz
f = 67 KHz
56.5
2.5
18
18
50
35
100
1
170
57
3
20
22
80
50
160
-
250
57.5
3.5
22
-
-
-
200
-
600
KHz
KHz
dB
dB
dB
dB
K
M
mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com