Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10H Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10H
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10H Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WF10H Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_WF10H_V01
Jan.2010
MARKING
4-digits marking for 0.1%, 0.5%
RESISTANCE
90
Ω
100
Ω
6800
Ω
47000
Ω
4-digits marking
90R0
1000
6801
4702
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E96 & E24 series for resistors with a tolerance of
±0.1%, ±0.5%. The values of the E24/E96 series are in accordance with “IEC publication 60063”.
Derating
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
Figure 2. Maximum dissipation in percentage of rated power
As a function of the ambient temperature
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems. Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition. The end terminations guarantee a reliable
contact.
SOLDERING CONDITION
The robust construction of chip resistors allows them
to be completely immersed in a solder bath of 260
°C
for 10 seconds. Therefore, it is possible to mount
Surface Mount Resistors on one side of a PCB and
other discrete components on the reverse (mixed
PCBs).
Surface Mount Resistors are tested for solderability at
235
°C during 2 seconds. The test condition for no
leaching is 260
°C for 30 seconds. Typical examples
of soldering processes that provide reliable joints
without any damage are given in Fig 3.
F
ig 3. Infrared soldering profile for Chip Resistors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com