Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10H Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10H
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10H Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WF10H Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_WF10H_V01
Jan.2010
FEATURE
1.
High reliability and stability
2.
Reduced size of final equipment
3.
Lower assembly costs
4.
Higher component and equipment reliability
5.
RoHS compliant and Lead free products
APPLICATION
•
Consumer electrical equipment
•
Automotive application
•
EDP, Computer application
• Telecom application
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added.
For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Consctruction of Chip-R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com