Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10H Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10H
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10H Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WF10H Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
ASC_WF10H_V01
Jan.2010
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WF10
H
4702
D
T
L
Size code
WF10: 1210
Type code
H : High precision,
<1%, TCR>50ppm
Resistance code
E96 +E24:
3 significant digits followed
by no. of zeros
102
Ω
=1020
37.4K
Ω
=3742
220
Ω
=2200
Tolerance
D :
±±±± 0.5%
B :
±±±± 0.1%
Packaging code
T: 7” Reeled taping
Termination code
L = Sn base
(lead free)
Reeled tape packaging : 8mm width paper taping 5000pcs per 7” reel.
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
Basic specification : JIS C 5202 / IEC 60115-1
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 68-1, subclause 5.3, unless otherwise specified.
Temperature: 15ºC to 35ºC.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
TEST
PROCEDURE
REQUIREMENT
Temperature
Coefficient of
Resistance(T.C.R)
Clause 4.8
Natural resistance change per change in degree centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C) t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Refer to “QUICK REFERENCE
DATA”
Short time overload
(S.T.O.L)
Clause 4.13
Permanent resistance change after a 5second application of
a voltage 2.5 times RCWV or the maximum overload voltage
specified in the above list, whichever is less.
∆R/R max. ±(2%+0.1Ω)
Resistance to
soldering
heat(R.S.H)
Clause 4.18
Un-mounted chips completely immersed for 10±1second in a
SAC solder bath at 260℃±5ºC
no visible damage
∆ R/R max. ±(1%+0.05Ω)
Solderability
Clause 4.17
Un-mounted chips completely immersed for 2±0.5second in a
solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
Temperature cycling
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, 30
minutes at +155
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, total
5 continuous cycles
no visible damage
∆R/R max. ±(1%+0.05Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com