Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10H Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10H
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10H Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10H Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WF10H_V01
Jan.2010
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF10H
Size code
1210 ( 3226 )
Resistance Tolerance
±±±±0.1% , ±±±±0.5% ( E96+E-24 )
Resistance Range
10
Ω
Ω
Ω
Ω ~ 1MΩ
Ω
Ω
Ω ( E96+E24 series)
TCR (ppm/
°C)
-55
°C ~ +155°C
≤≤≤≤ ±±±± 100 ppm/°°°°C
Max. dissipation at Tamb=70
°C
1/3 W
Max. Operation Voltage (DC or RMS)
200V
Max. Overload Voltage (DC or RMS)
400V
Climatic category (IEC 60068)
55/155/56
Basic specification
JIS C 5201-1 : 1998
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS(unit : mm)
Part No
WF10H
L
3.10
±±±± 0.10
W
2.60
±±±± 0.10
Tt
0.50
±±±± 0.20
Tb
0.50
±±±± 0.20
t
0.55
±±±± 0.10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com