Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR20 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20
Description  Automotive grade AEC Q-200 compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WR20 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
WR20, WR25
( Automotive )_V02
Jan.2011
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WR25
X
472_
J
T
L
J
Size code
WR25 : 2512
WR20 : 2010
Type code
X :
±5%, 1R ~ 10MR
±1%, 10R ~ 1MR
W :
±1%,< 10R; > 1MR
Resistance code
5%, E24: 2 significant digits
followed by no. of zeros
100
Ω
= 101_
10K
Ω = 103
1%, E24+E96: 3 significant
digits followed by no. of
zeros
100
Ω
=1000
37.4K
Ω
=3742
Tolerance
F :
±1%
J :
±5%
P : Jumper
Packaging code
T
: 7” Reeled taping
Q
: 10” Reeled taping
G
: 13” Reeled taping
B
: Bulk
Termination
code
L = Sn base
(lead free)
Special code
J = Automotive grade
and Anti-Sulfuration
10ppm x 240hrs
TEST AND REQUIREMENTS
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
0
Ω
Ω
Ω
Ω
Electrical Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural resistance change per change in degree centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C) t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Within the specified tolerance
Refer to “QUICK REFERENCE
DATA”
<50m
Ω
Resistance to soldering
heat(R.S.H)
MIL-STD-202
method 210
Un-mounted chips completely immersed for 10±1second in a
SAC solder bath at 270℃±5ºC
ΔR/R max.
±(1.0%+0.05Ω)
no visible damage
<50m
Ω
Solderability
J-STD-002
a) Bake the sample for 155℃ dwell time 4hrs/ solder dipping
235℃/ 5sec.
b) Steam the sample dwell time 1 hour/ solder dipping
260℃/ 7sec.
95% coverage min., good tinning and no
visible damage
Temperature cycling
JESD22
Method JA-104
1000 cycles, -55℃ ~ +155℃, dwell time 5~10min
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
<50m
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com