Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR20 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20
Description  Automotive grade AEC Q-200 compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WR20 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
WR20, WR25
( Automotive )_V02
Jan.2011
QUICK REFERENCE DATA
Item
General Specification
Series No.
WR20
WR25
Size code
2010 ( 5025 ),
2512(6432)
Resistance Tolerance
±5% (E24); ±1% (E24+E96)
Resistance Range
1
Ω ~ 10MΩ, Jumper (0Ω)
± 200 ppm/°C
± 200 ppm/°C
± 100 ppm/°C
± 100 ppm/°C
TCR (ppm/
°C)
R≦ 10
Ω
10
Ω < R ≦1MΩ
> 1M
Ω
± 200 ppm/°C
± 200 ppm/°C
Max. dissipation at Tamb=70
°C
0.5 W
1W
Max. Operation Voltage (DC or RMS)
200V
250V
Max. Overload Voltage (DC or RMS)
400V
500V
Climatic category (IEC 60068)
55/155/56
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
3.
The resistance of Jumper is defined <0.05
Ω.
DIMENSIONS (unit : mm)
TYPE
WR20
WR25
L
5.00
±0.20
6.40
±0.20
W
2.50
±0.20
3.20
±0.20
T
0.55
±0.10
0.60
±0.10
Tt
0.65
±0.25
0.65
±0.25
Tb
0.60
±0.25
0.90
±0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com