Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR20 Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20
Description  Automotive grade AEC Q-200 compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20 Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WR20 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7
WR20, WR25
( Automotive )_V02
Jan.2011
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
0
Ω
Ω
Ω
Ω
Moisture Resistance
MIL-STD-202
method 106
65
±2°C, 80~100% RH, 10 cycles, 24 hours/ cycle
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
<50m
Ω
Bias Humidity
MIL-STD-202
method 103
1000+48/-0 hours; 85
°C, 85% RH, 10% of operation power
∆R/R max. ±(2.0%+0.10Ω)
No visible damage
<50m
Ω
Operational Life
MIL-STD-202
method 108
1000+48/-0 hours; 35% of operation power, 125
±2°C
∆R/R max. ±(2.0%+0.1Ω)
No visible damage
<50m
Ω
High Temperature
Exposure
MIL-STD-202
Method 108
1000+48/-0 hours; without load in a temperature chamber
controlled 155
±3°C
∆R/R max. ±(2.0%+0.10Ω)
No visible damage
<50m
Ω
Board Flex
AEC-Q200-005
Resistors
mounted
on
a
90mm
glass
epoxy
resin
PCB(FR4),bending once 2mm for 10sec.
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
<50m
Ω
Terminal strength
AEC-Q200-006
Pressurizing force: 1Kg, Test time: 60±1sec.
No
remarkable
damage
or
removal of the terminations
Thermal shock
MIL-STD-202
method 107
Test –55 to 155℃/ dwell time 15min/ Max transfer time
20sec 300cycles
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
<50m
Ω
ESD
AEC-Q200-002
Test contact 1.0KV
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
<50m
Ω
Short Time Overload
JISC5201-1: 1998
Clause 4.13
2.5 times RCWV or max. overload voltage, for 5seconds
∆R/R max. ±(2.0%+0.10Ω)
No visible damage
<50m
Ω
Load life in Humidity
JISC5201-1: 1998
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in humidity
chamber controller at 40
°C±2°C and 90~95% relative
humidity, 1.5hours on and 0.5 hours off
∆R/R max. ±(2%+0.10Ω)
No visible damage
<50m
Ω
Load life (endurance)
JISC5201-1: 1998
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber
controller 70±2ºC, 1.5 hours on and 0.5 hours off
∆R/R max. ±(2%+0.10Ω)
No visible damage
<50m
Ω
TEST CONDITION FOR JUMPER (0
Ω
Ω
Ω
Ω)
Type
WR20X
WR25X
Power Rating At 70C
1/2 W
1 W
Resistance
Max. 50mR
Rated Current
3.2 A
4.5 A
Peak Current
8 A
11 A
Operating Temperature
-55C ~ 155C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com