Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR20 Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20
Description  Automotive grade AEC Q-200 compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20 Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WR20 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
WR20, WR25
( Automotive )_V02
Jan.2011
WR20, WR25
±±±±1%, ±±±±5%
General purpose chip resistors
Size 2010, 2512
( Automotive )


Similar Part No. - WR20

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WR200 XPPOWER-WR200 Datasheet
175Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
WR201 ETC1-WR201 Datasheet
516Kb / 2P
DC/DC Converters 7.5 Watts WR Series
logo
XP Power Limited
WR201 XPPOWER-WR201 Datasheet
175Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
WR202 ETC1-WR202 Datasheet
516Kb / 2P
DC/DC Converters 7.5 Watts WR Series
logo
XP Power Limited
WR202 XPPOWER-WR202 Datasheet
175Kb / 2P
DC-DC Power Supplies
More results

Similar Description - WR20

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SF12H WALSIN-SF12H Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
WA04X WALSIN-WA04X Datasheet
226Kb / 8P
Automotive grade AEC Q-200 compliant
WF06P WALSIN-WF06P Datasheet
271Kb / 9P
Automotive grade AEC Q-200 compliant
WF08H WALSIN-WF08H Datasheet
227Kb / 7P
Automotive grade AEC Q-200 compliant
WR02X_J WALSIN-WR02X_J Datasheet
235Kb / 7P
Thick Film General purpose chip resistors Automotive AEC Q-200 compliant
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
logo
Shanghai Leiditech Elec...
LM0603 LEIDITECH-LM0603 Datasheet
1Mb / 4P
AEC-200 Automotive Grade Certified
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
AEC-Q200 Automotive Grade Certified
logo
Stackpole Electronics, ...
RMCA SEI-RMCA Datasheet
520Kb / 10P
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
5/17/2022
RNCA SEI-RNCA Datasheet
343Kb / 6P
Automotive Grade Anti-sulfur and AEC Compliant Thin Film Chip Resistor
5/17/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com