Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWCM0624ATF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWCM0624ATF09
Description  Any 2G/3G/4G Band for TRx system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWCM0624ATF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWCM0624ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Approval Sheet
Page 4 of 9
ASC_RFASWCM0624ATF09_V02
Jun. 2018
Electrical Specifications at 25°C with VDD=2.85V, VCTL=0/1.8V, Characteristic Impedance Z0=50Ω, Pin=0dBm
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
UMTS band
Insertion loss
Port2_P - Port1_P
Port2_N - Port1_N
Port3_P - Port1_P
Port3_N - Port1_N
IL
824MHz ~ 960MHz
-
0.25
0.40
dB
1710MHz ~ 2170MHz
-
0.35
0.50
dB
Isolation
Port3_P/N - Port1_P/N
Port3_P/N - Port2_P/N
Iso
824MHz to 960MHz ;
Port2 to Port1 active
28
38
35
42
-
-
dB
dB
Port2_P/N - Port1_P/N
Port2_P/N - Port3_P/N
824MHz to 960MHz ;
Port3 to Port1 active
28
38
35
42
-
-
dB
dB
Port3_P/N - Port1_P/N
Port3_P/N - Port2_P/N
1710MHz to 2170MHz ;
Port2 to Port1 active
23
30
25
32
-
dB
dB
Port2_P/N - Port1_P/N
Port2_P/N - Port3_P/N
1710MHz to 2170MHz ;
Port3 to Port1 active
23
30
25
32
-
-
dB
dB
Harmonics
Port2 or 3 to Port1 (2fo)
2fo, 3fo,
4fo
CW, Pin = 20dBm, 50Ω
TX = 824MHz to 960MHz;
TX = 1710MHz to 2170MHz;
-
-
90
90
85
85
dBc
dBc
Port2 or 3 to Port1 (3fo)
CW, Pin = 20dBm, 50Ω
TX = 824MHz to 960MHz;
TX = 1710MHz to 2170MHz;
-
-
90
90
85
85
dBc
dBc
Port2 or 3 to Port1
( 4fo to 12.75GHz )
CW, Pin = 20dBm, 50Ω
TX = 824MHz to 960MHz;
TX = 1710MHz to 2170MHz;
-
-
85
85
83
83
dBc
dBc
Phase Balance
Between active paths;
Test frequency 960MHz;
Test frequency 2170MHz;
-3
-3
0
0
3
3
Deg.
Deg.
Amplitude Balance
Between active paths;
Test frequency 960MHz;
Test frequency 2170MHz;
-1
-1
0
0
1
1
dB
dB
VSWR
VSWR
824MHz to 960MHz;
1710MHz to 2170MHz;
-
-
1.3
1.3
1.5
1.5
-
DC Specification (Decoder)
Supply Voltage
VDD
2.4
2.85
4.5
V
Supply Current
IDD
VDD= 2.85V
-
120
155
μA
Control Voltage(High)
VCTL(H)
1.2
1.8
2.0
V
Control Voltage(Low)
VCTL(L)
0
0.45
V
Control Current
ICTL
VCTL= 1.8V
-
0.5
1.0
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
-
2
5
μs
Note: All measurements made in a 50 ohm system with 0/+1.8V control voltages, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com