Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWCM0624ATF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWCM0624ATF09
Description  Any 2G/3G/4G Band for TRx system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWCM0624ATF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWCM0624ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval Sheet
Page 3 of 9
ASC_RFASWCM0624ATF09_V02
Jun. 2018
Application Circuit
Port3_P
VCTL
C1
VDD
C2
1
Port2_N
Port3_N
Port2_P
Port1_P
Port1_N
10
2
3
4
9
8
7
6
5
Parts List
Parts No.
Value
C1
33 pF
C2
1
μF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RFx Input Power
Pin
-
+35
dBm
DC Supply Voltage
VDD
+2.4
+4.5
V
DC Control Voltage
VCTL
-
+2.5
V
Storage temperature
TSTG
-65
+150
°C
Operating temperature
TOP
-35
+90
°C
HBM ESD Voltage, All Pins
VESD1
-
+1000
V
Note 1:Human Body Model ESD Voltage, Class 2
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com