Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWCM0624ATF09 Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWCM0624ATF09
Description  Any 2G/3G/4G Band for TRx system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWCM0624ATF09 Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWCM0624ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Approval Sheet
Page 6 of 9
ASC_RFASWCM0624ATF09_V02
Jun. 2018
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
VCTL
Insertion Loss Path
0
Port1 to Port2 active
1
Port1 to Port3 active
Package Dimensions
1.5±0.1
1.1±0.1
Pin 1
Index
Unit: mm
Side View
Top View
Bottom View
0.4±0.05
0.2±0.05
0.6±0.05
0.2±0.05
0.2±0.05
0.43±0.05
0.05±0.02
Solder Land Pattern
Package Outline(Red Line)
Solder Resist(Green Color)
Unit : mm
Land Pattern(Yellow Color)
0.20
0.20
0.40
0.40
0.05
0.05
0.20
0.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com