Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWCM0624ATF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWCM0624ATF09
Description  Any 2G/3G/4G Band for TRx system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWCM0624ATF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWCM0624ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWCM0624ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Approval Sheet
Page 2 of 9
ASC_RFASWCM0624ATF09_V02
Jun. 2018
FEATURES
Low Insertion Loss
:0.4dB typ. @ 2.7GHz
High Isolation
:26dB typ. @ 2.7GHz
Low control voltage
:1.2 to 2.0 V
Miniature footprint
:1.1 x 1.5 x 0.43 mm3:
Moisture Sensitive Level 3 (MSL3)
High ESD tolerance of 1kV HBM at all pins
Description
The RFASWCM0624ATF09 is a SOI (Silicon On Insulator) Double-Pole, four-Throw (DP4T) differential switch operating at
0.7-2.7 GHz in a LGA-10 (1.1 x 1.5 x 0.43mm3) package.
The RFASWCM0624ATF09 features very high isolation with very low DC power consumption.
The RFASWCM0624ATF09 has ESD protection devices to achieve excellent ESD performances.
Application
Multi-mode 2G/3G, LTE application transmit/receive system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
RF3_P
Differential Output P of Port 3
6
VCTL
DC control voltage
2
GND
Ground
7
RF1_P
Differential Input P of Port 1
3
GND
Ground
8
RF1_N
Differential Input N of Port 1
4
RF2_N
Differential Output N of Port 2
9
VDD
DC power supply
5
RF2_P
Differential Output P of Port 2
10
RF3_N
Differential Output N of Port 3
Port2_P
Port1_P
VDD
VCTL
Bias
Decoder
Port2_N
Port3_P
Port3_N
Port1_N
2
1
3
4
10
8
9
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com