Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWD658FTF03 Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWD658FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWD658FTF03 Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWD658FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Approval Sheet
Page 7 of 14
ASC_RFASWD658FTF03_V02
Mar. 2018
Table 8. Digital Interface Timing Specifications
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Condition
Min.
Max.
Unit
Data Setup Time (Note 1)
TS
See the Figure 6, input Tr/Tf = 3.5 to 6.5ns
1
-
ns
Data Hold Time (Note 1)
TH
See the Figure 6, input Tr/Tf = 3.5 to 6.5ns
5
-
ns
Time for Data Output Valid from
SCLK rising edge (Note 2)
TD
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
0
22
ns
SDATA Output Transition
(Rise/Fall) Time
TSDATAOTR
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
2.1
10
ns
Data Drive Release Time
TSDATAZ
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
-
18
ns
Vio Supply Rise Time
TVIO-R
See the Figure 8
-
400
μs
RFFE I/O Voltage Reset Timing
TVIO-RST
See the Figure 8
10
-
μs
Signal Reset Delay Time
TSIGOL
See the Figure 8
120
-
μs
RF Switching Time
TSW
See the Figure 9
-
5
μs
Switching Interval (Note 3)
Tint
See the Figure 9
20
-
μs
Startup Time (Note 4)
TSU
See the Figure 4
-
20
μs
Note 1 : Input SDATA is sampled at the falling edge of the SCLK.
Note 2 : Output SDATA changes at the rising edge of the SCLK.
Note 3 : The time between the consecutive Register Write Command Sequences for the Switch State register.
Note 4 : The time for the switch to reach Active State.
Note : The table of input SCLK signal conditions as below.
Parameter
Symbol
Ratings
Unit
SCLK Frequency
FSCLK
Full Speed
0.032 to 26
MHz
Half Speed
0.032 to 13
SCLK Period
TSCLK
Full Speed
0.038 to 32
μs
Half Speed
0.077 to 32
SCLK Rise/Fall Time
TSCLKITR
Full/Half Speed
3.5 to 6.5
ns
SCLK Input Duty Cycle,
High/Low Time
TSCLKDCH
TSCLKDCL
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com