Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWD658FTF03 Datasheet(PDF) 12 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWD658FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWD658FTF03 Datasheet(HTML) 12 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWD658FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Approval Sheet
Page 12 of 14
ASC_RFASWD658FTF03_V02
Mar. 2018
Reliability test
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
*Solderability
*JIS C 0050-4.6
*JESD22-B102D
*Solder bath temperature:255
 5C
*Immersion time:5
 0.5 sec
*Solder:Sn3Ag0.5Cu for lead-free
*At least 95% of a surface of each terminal
*electrode must be covered by fresh solder.
*High temperature
*JIS C 0021
*Temperature:90
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*Low temperature
*JIS C 0020
*Temperature:-30
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*Temperature cycle
*JIS C 0025
*1. 30
3 minutes at -303C,
*2. 10~15 minutes at room temperature,
*3. 30
3 minutes at +903C,
*4. 10~15 minutes at room temperature,
*Total 100 continuous cycles
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
*High temperature operation
*life (HTOL)
*Temperature:90
C
*VDD = 4.8V
*Time:1000+24/-0 hrs.
*Measurement to be made after keeping at
*room temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics
under *the operational temperature range
within -30 *~ 90°C.
Soldering condition
Typical examples of soldering processes that provide reliable joints without any damage are given in Figure 11.
Figure 11. Infrared soldering profile
260
245
217
200
150
10 sec
Time
30 sec min.
60~150 sec
480 sec max. to Peak
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
For SnAgCu series solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com