Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWD658FTF03 Datasheet(PDF) 13 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWD658FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWD658FTF03 Datasheet(HTML) 13 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWD658FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Approval Sheet
Page 13 of 14
ASC_RFASWD658FTF03_V02
Mar. 2018
Ordering code
RF
ASW
D
658F
T
RF module
RF:
Walsin RF Switch
Device
Module type
ASW: Antenna Switch
Application
D : SP8T
Design Code
Packing
T: Taping
Minimum Ordering Quantity: 3000 pcs per reel.
Packaging
Ao
Po
P2
P1
D
T
Plastic Tape specifications (unit :mm)
Index
Ao
Bo
D
T
W
Dimension (mm)
2.15
 0.10
2.15
 0.10
1.50
 0.05
0.95
 0.10
8.0
 0.10
Index
E
F
Po
P1
P2
Dimension (mm)
1.75
 0.10
3.50
 0.05
4.00
 0.10
4.00
 0.10
2.00
 0.05
Reel dimensions
A
B
C
Taping Quantity : 3
000 pieces per 7” reel
Index
A
B
C
Dimension (mm)
Φ178.0
Φ60.0
Φ13.0
∅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com