Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWD658FTF03 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWD658FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWD658FTF03 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWD658FTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWD658FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Approval Sheet
Page 2 of 14
ASC_RFASWD658FTF03_V02
Mar. 2018
FEATURES
Low Insertion Loss and Low Distortion
:
Broadband frequency range
:0.4 to 2.7 GHz
High Isolation and linearity
::
Integrated MIPI RFFE Slave Controller
::
High ESD tolerance of 2kV HBM at all pins
::
QFN(14-pin, 2.0 x 2.0 x 0.55 mm3) package
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWD658FTF03 is a Single Pole, Eight Throw (SP8T) antenna switch with an integrated Mobile Industry
Processor Interface (MIPI) controller. Using an advanced switching technology, the RFASWD658FTF03 maintains
low insertion and high isolation, which makes it an ideal choice for UMTS, CDMA2000, EDGE, GSM, and LTE
applications. The RFASWD658FTF03 is manufactured in a QFN-14 (2.0 x 2.0 x 0.55mm3) package.
The design integrated eight low loss TRX ports. The switch also has an excellent 2nd/3rd Order Intermodulation
Distortion (IMD2/IMD3) performance.
Switching is controlled by the MIPI decoder and High ESD tolerance of 2kV HBM at all pins.
No blocking capacitor requirements on the RF paths as long as no DC voltage is applied. The RFASWD658FTF03 is
manufactured in a compact, 2.0 x 2.0 x 0.55 mm3 package.
The functional block diagram is shown in Figure 1. The pin assignment and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in Table 1.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
Block Diagram and Pin Out (Top View)
Figure 1. RFASWD658FTF03 Block Diagram
Figure 2. RFASWD658FTF03 Pin assignment
1
2
3
4
5
6
7
8
9
10
11
12
14
13
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
TRX7
TRX8
ANT
VIO
SDATA
SCLK
VDD
RFFE Slave
Controller
Power Supply
(with Charge Pump)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com