Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWDH2418BTF06 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWDH2418BTF06
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWDH2418BTF06 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWDH2418BTF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approval Sheet
Page 4 of 8
ASC_RFASWDH2418BTF06_V01
May. 2018
Electrical Specifications
(Top= 25°C, VDD=2.8V, VCTL=0/1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating frequency
f
0.1
2.7
GHz
Insertion Loss
(ANT port to RF1/2/3/4/5/6/7/8 port)
IL
0.1 ~ 1.0GHz
1.0 ~ 2.0GHz
2.0 ~ 2.7GHz
0.30
0.45
0.50
0.40
0.60
0.80
dB
dB
dB
Isolation
(ANT port to RF1/2/3/4/5/6 port)
Iso
0.1 ~ 1.0GHz
1.0 ~ 2.0GHz
2.0 ~ 2.7GHz
34
27
25
44
35
30
dB
dB
dB
Isolation
(ANT port to RF7/8 port)
Iso
0.1 ~ 1.0GHz
1.0 ~ 2.0GHz
2.0 ~ 2.7GHz
27
21
18
29
23
20
dB
dB
dB
On state match
VSWR
0.1 ~ 2.7GHz
1.22
1.67
-
RFx Harmonics
2f0
PIN = +25dBm, f = 0.1 to 2.7GHz
85
dBc
3f0
PIN = +25dBm, f = 0.1 to 2.7GHz
90
dBc
3rd Order Input Intercept Point
IIP3
PIN = +25dBm, f = 2.0GHz,
Δf = 1MHz
60
dBm
DC Specification (Decoder)
Supply Voltage
VDD
2.5
2.7
5.0
V
Supply Current
IDD
VDD=2.8V
76
85
μA
Control Voltage(High)
VCTL
1.35
1.8
2.7
V
Control Voltage(Low)
VCTL
0
0.4
V
Control Current
ICTL
VCTL=1.8V
0.5
1.0
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
1.75
2.2
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com