Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWDH2418BTF06 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWDH2418BTF06
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWDH2418BTF06 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWDH2418BTF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Approval Sheet
Page 5 of 8
ASC_RFASWDH2418BTF06_V01
May. 2018
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
VC1
VC2
VC3
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
0
0
0
On
Off
Off
Off
Off
Off
Off
Off
0
0
1
Off
On
Off
Off
Off
Off
Off
Off
0
1
0
Off
Off
On
Off
Off
Off
Off
Off
0
1
1
Off
Off
Off
On
Off
Off
Off
Off
1
0
0
Off
Off
Off
Off
On
Off
Off
Off
1
0
1
Off
Off
Off
Off
Off
On
Off
Off
1
1
0
Off
Off
Off
Off
Off
Off
On
Off
1
1
1
Off
Off
Off
Off
Off
Off
Off
On
Package Dimensions
2.0±0.1
2.0±0.1
Pin 1
Index
Side View
Top View
Bottom View
0.55±0.05
0.4±0.05
0.45±0.05
1±0.1
1±0.1
0.20±0.05
0.245±0.05
0.245±0.05
0.20±0.05
Unit:mm
Solder Land Pattern
Package Outline(Red Line)
Solder Resist(Green Color)
Land Pattern(Yellow Color)
Unit : mm
0.20
0.45
0.40
0.20
1.00
1.00
0.245
0.245
0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com