Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWDH2418BTF06 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWDH2418BTF06
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWDH2418BTF06 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWDH2418BTF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval Sheet
Page 3 of 8
ASC_RFASWDH2418BTF06_V01
May. 2018
Application Circuit
1
VDD
C4
VC1
2
3
4
11
10
9
8
5
6
7
14
13
12
RF2
RF4
VC2
VC3
C3
C2
C1
RF6
RF8
Note: No DC Blocking capacitors are required for all RF ports unless DC is biased externally.
Parts List
Parts No.
Value
C1-C4
1000 pF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RFx Input Power (f = 824 ~ 2690
MHz, 50Ω, CW)
PIN
+33
dBm
DC Supply Voltage
VDD
+2.5
+5.0
V
DC Control Voltage
VCTL
-0.5
+3.0
V
Storage temperature
TSTG
-55
+150
°C
Operating temperature
TOP
-40
+85
°C
HBM ESD Voltage, All Pins
VESD1
-
+1000
V
Note 1:Human Body Model ESD Voltage, Class 1C
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com