Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWDH2418BTF06 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWDH2418BTF06
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWDH2418BTF06 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWDH2418BTF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWDH2418BTF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWDH2418BTF06_V01
May. 2018
FEATURES
Low Insertion Loss
:0.5dB typ. @ 2.7GHz
Low control voltage
:1.35 to 2.7 V
Miniature footprint
:2.0 x 2.0 x 0.55 mm3:
High ESD tolerance of 1kV HBM at all pins
Moisture Sensitive Level 3 (MSL3)
Description
The RFASWDH2418BTF06 is a SOI (Silicon On Insulator) Single-Pole, Eight-Throw (SP8T) switch that operating at 0.1-2.7
GHz. The RFASWDH2418BTF06 is manufactured in a QFN-14 (2.0 x 2.0 x 0.55mm3) package.
The RFASWDH2418BTF06 features very high isolation with very low DC power consumption.
Application
Multi-mode 2G/3G, LTE application receive system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
RF5
RF path 5
8
NC
Not connected
2
RF3
RF path 3
9
RF2
RF path 2
3
RF1
RF path 1
10
RF4
RF path 4
4
VDD
DC power supply
11
RF6
RF path 6
5
VC3
DC control voltage 3
12
RF8
RF path 8
6
VC2
DC control voltage 2
13
ANT
Antenna port
7
VC1
DC control voltage 1
14
RF7
RF path 7
Note 1:Bottom ground paddles must be connected to ground.
RF1
RF2
RF3
RF4
RF5
RF6
ANT
VDD
VC1
Bias
Decoder
VC2 VC3
RF7
RF8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com