Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP4028 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDP4028
Description  DisplayPort transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP4028 Datasheet(HTML) 1 Page - STMicroelectronics

  STDP4028 Datasheet HTML 1Page - STMicroelectronics STDP4028 Datasheet HTML 2Page - STMicroelectronics STDP4028 Datasheet HTML 3Page - STMicroelectronics STDP4028 Datasheet HTML 4Page - STMicroelectronics STDP4028 Datasheet HTML 5Page - STMicroelectronics STDP4028 Datasheet HTML 6Page - STMicroelectronics STDP4028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 15886 Rev 1
1/7
7
STDP4028
DisplayPort transmitter
Features
■ Enhanced DisplayPort® (DP) transmitter
– DP 1.1a compliant
– Embedded DisplayPort (eDP) compliant
– 1, 2, or 4 lanes
■ Higher bandwidth “Turbo mode” (3.24 Gbps)
per lane, supports:
– 1920 x 1080 (FHD) 120 Hz/10-bit color
video standard timings and 7.1 Ch audio
– 2560 x 1600 (WQXGA), 2560 x 2048
(QSXGA) 60 Hz/10-bit color graphics and
7.1 Ch audio
■ Interface compatibility with wide range of
display controller ICs
– LVTTL (60 wide) and LVDS (quad bus)
video interface
– 8-Ch I2S and SPDIF audio interface
■ Robust AUX channel
– Link service, maintenance
– I2C-over-AUX (MCCS, DDC)
– IR, full duplex UART protocol
■ Configurable through I2C host interface
■ Supports HDCP 1.3 with on-chip keys
■ HDCP repeater capability
– Acts as downstream transmitter
■ Spread spectrum on DisplayPort, LVDS, and
TTL interfaces for EMI reduction
■ Supports deep color and color format
conversion
– RGB/YCC (4:4:4) – 10-bit color
– YCC (4:2:2/4:2:0) – 12-bit color
– RGB (4:4:4) to YCC (4:4:4) conversion and
vice-versa
■ Low power operation; 20 mW standby
■ I2C to AUX bridge for EDID, MCCS pass
through
■ Supports HBR/“Turbo” speed over HBR/RBR-
rated long cables (15 m and more)
■ Package
– 164 LFBGA (12 x 12 mm / 0.8 mm)
■ Power supply voltages
– 3.3 V I/O; 1.2 V core
Applications
■ Digital TV, docking station, STB, game
console, etc.
QLVDS/
TTL (60)
Video
I2S/SPDIF
Audio
DP Output
LVDS/TTL
Receiver
I2S/SPDIF
Receiver
Crystal
Oscillator
GPIO
I2C
Master
I2C Host
Interface
DisplayPort
Transmitter
www.st.com


Similar Part No. - STDP4028

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
STDP4028 KINETIC-STDP4028 Datasheet
209Kb / 5P
DisplayPort Transmitter
July 2020 - Revision 03c
STDP4028-AB KINETIC-STDP4028-AB Datasheet
209Kb / 5P
DisplayPort Transmitter
July 2020 - Revision 03c
More results

Similar Description - STDP4028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47272-0001 MOLEX-47272-0001 Datasheet
126Kb / 2P
DisplayPort receptacle
0472711016 MOLEX6-0472711016 Datasheet
107Kb / 3P
DisplayPort Latch
0472712016 MOLEX6-0472712016 Datasheet
106Kb / 3P
DisplayPort Latch
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
DisplayPort*-to-DisplayPort* Cable Assembly
logo
NXP Semiconductors
IP4790CZ38 NXP-IP4790CZ38 Datasheet
75Kb / 11P
DisplayPort protection
Rev. 01-14 July 2008
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP4028 KINETIC-STDP4028 Datasheet
209Kb / 5P
DisplayPort Transmitter
July 2020 - Revision 03c
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com