Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP4028 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDP4028
Description  DisplayPort transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP4028 Datasheet(HTML) 4 Page - STMicroelectronics

  STDP4028 Datasheet HTML 1Page - STMicroelectronics STDP4028 Datasheet HTML 2Page - STMicroelectronics STDP4028 Datasheet HTML 3Page - STMicroelectronics STDP4028 Datasheet HTML 4Page - STMicroelectronics STDP4028 Datasheet HTML 5Page - STMicroelectronics STDP4028 Datasheet HTML 6Page - STMicroelectronics STDP4028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feature attributes
STDP4028
4/7
Doc ID 15886 Rev 1
3
Feature attributes
●
Video
–
Up to 2560 x 2048-60 Hz, 2560 x 1600-60 Hz, FHD 120 Hz at 10-bits per color
–
8/10/12 bits per color option
–
RGB/YCC color format
●
Audio
–
8-Ch I2S; word length up to 64 x Fs; bit depth up to 32 bits, sample rate up to 192
kHz
–
SPDIF; 2-Ch LPCM, AC3, DTS, bit depth up to 24 bits, sample rate up to 192 kHz
●
Input interface
–
Video: TTL 60/48 bits wide; QLVDS 8/10 per color
–
Audio: I2S 8-Ch, SPDIF x1
●
Output interface
–
DP 1.1a (4 lanes, AUX, HPD); supported link speed 3.24 Gbps, 2.7 Gbps, 1.62
Gbps
●
Spread spectrum
–
Supported on DP output and LVDS/TTL inputs
●
AUX capabilities
–
UART, I2C-over-AUX (MCCS, DDC, etc.) IR
●
HDCP
–
On-chip keys, HDCP repeater
●
Color format conversion
–
RGB 4:4:4 to YCC 4:4:4 and vice-versa
●
System configuration
–
I2C host interface for control by an external system microprocessor
●
Package
–
164 LFBGA (12 x 12 mm), 1 mm thickness, 0.8 pitch
●
Power
–
Sub 900 mW max, 20 mW standby
●
ESD
–
2 KV HBM, 200 V MM, 750 V CDM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com