Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP4028 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDP4028
Description  DisplayPort transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP4028 Datasheet(HTML) 2 Page - STMicroelectronics

  STDP4028 Datasheet HTML 1Page - STMicroelectronics STDP4028 Datasheet HTML 2Page - STMicroelectronics STDP4028 Datasheet HTML 3Page - STMicroelectronics STDP4028 Datasheet HTML 4Page - STMicroelectronics STDP4028 Datasheet HTML 5Page - STMicroelectronics STDP4028 Datasheet HTML 6Page - STMicroelectronics STDP4028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
STDP4028
2/7
Doc ID 15886 Rev 1
1
Description
The STDP4028 is a DisplayPort transmitter IC for the secure transmission of high-
bandwidth, uncompressed digital audio-video signals targeted for applications such as DTV,
LCD monitor, docking station, and other types of display systems. STDP4028 is a VESA DP
1.1a and eDP compliant device, implementing a single link DisplayPort output port
comprising four main lanes, auxiliary channel and HPD. In addition to the standard HBR (2.7
Gbps) and RBR (1.62 Gbps) speeds, this device supports “turbo” speed of 3.24 Gbps per
lane with a total link bandwidth of 12.96 Gbps. The higher bandwidth provides unique
benefits to users over other commercial DP transmitters for embedded applications by
offering additional margin to support higher color depth, resolution, and refresh rate. For
example, STDP4028 supports FHD non-reduced blanking video (1080p 30-bit color per
pixel) at 120 Hz, plus 7.1 Ch audio in two-box TV applications. The high-speed auxiliary
channel in STDP4028 acts as a bidirectional communication link, supporting application-
specific protocols such as MCCS, DDC, UART, IR, as well as, the dedicated DisplayPort link
training and device management functions.
The STDP4028 supports RGB and YCC video color formats with color depth of 12 (YCC
4:2:2 only), 10, and 8 bits. This device offers LVDS and LVTTL input interface configurable to
map a wide range of display controller products. The Quad LVDS interface supports video
signals up to 400 MHz pixel rate with flexible channel and lane swapping options. The 60-bit
LVTTL input ports on STDP4028 can be mapped to transfer video data either in two pixels
per clock or single pixel per clock of a chosen color depth. The STDP4028 also supports
both compressed and uncompressed audio formats. This device comprises four I2S audio
inputs, supporting up to 8 channels LPCM audio and a single wire SPDIF input for encoded
audio. The STDP4028 features HDCP 1.3 content protection scheme with an embedded key
option for secure transmission of digital audio-video content. In addition, it supports the
HDCP repeater function and, thus acts as a downstream transmitter suitable for two-box TV
and HDMI/DVI to DP converter applications.
The STDP4028 can be configured by an external host through the I2C host interface. This
IC also includes general purpose inputs/outputs that can be used for controlling system
components. The STDP4028 features a color space converter (RGB to YCC and YCC to
RGB) for flexible interface with external video processing devices.
Figure 1.
System diagram
DisplayPort
STDP4028
STDP4028
LVDSx4
TTL (60 bits)
Video/Audio
Processor
I2S (8 CH)/
SPDIF
27 MHz
crystal
I2C for Host
Interface and
I2C-over-AUX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com