Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP4028 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDP4028
Description  DisplayPort transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP4028 Datasheet(HTML) 3 Page - STMicroelectronics

  STDP4028 Datasheet HTML 1Page - STMicroelectronics STDP4028 Datasheet HTML 2Page - STMicroelectronics STDP4028 Datasheet HTML 3Page - STMicroelectronics STDP4028 Datasheet HTML 4Page - STMicroelectronics STDP4028 Datasheet HTML 5Page - STMicroelectronics STDP4028 Datasheet HTML 6Page - STMicroelectronics STDP4028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STDP4028
Benefits
Doc ID 15886 Rev 1
3/7
2
Benefits
●
ST DP transmitter offers proven interoperability with commercial DP monitors
●
20% higher link bandwidth compared to other commercial DP transmitters, supports
FHD 120 Hz/10-bit non-reduced blank timing for embedded applications
●
Supports both external (DP) and embedded (eDP) applications
●
HDCP repeater capability, applicable for two-box TV and HDMI/DVI to DP converters
●
Embedded HDCP keys
●
On-chip microprocessor enables stand-alone operation for customized applications
●
Flexible interface to ease system design – DP 1, 2, 4 lane configuration, LVDS/LVTTL
port, YCC/RGB color format
●
Low EMI
●
Low power



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com