Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q45VR2LP
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q45VR2LP Datasheet HTML 1Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 2Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Convergent-Mode Models
These sensors are ideal for reflective sensing of very small parts or profiles, and can accurately sense the position of
parts approaching from the side. Will ignore all but highly reflective objects that are outside the sensing range.
Performance curves are based on a 90% reflectance white test card.
Output Type: SPDT Electro-mechanical relay
CONVERGENT
Visible red, 680 nm
Models
Focus
Cable
Excess Gain
Beam Pattern
Q45VR2CV
38 mm (1.5 in) Spot
Size at Focus: 1.3 mm
(0.05 in)
5-wire 2 m (6.5 ft)
cable
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45CV
Convergent Mode
190 mm
7.5 in
150 mm
6.0 in
113 mm
4.5 in
75 mm
3.0 in
38 mm
1.5 in
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45CV
Convergent Mode
Q45VR2CVQ
5-Pin Mini-style QD
Q45VR2CV4
100 mm (4 in) Spot
Size at Focus: 1.5 mm
(0.06 in)
5-wire 2 m (6.5 ft)
cable
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45CV4
Convergent Mode
190 mm
7.5 in
150 mm
6.0 in
113 mm
4.5 in
75 mm
3.0 in
38 mm
1.5 in
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45CV4
Convergent Mode
Q45VR2CV4Q
5-Pin Mini-style QD
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. (For example: Q45VR2CV W/30.) Models with
a quick disconnect (QD) connector require a mating cable.
Q45VR2 Series Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com