Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LP Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # Q45VR2LP
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LP Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button Q45VR2LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 9Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 10Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Retroreflective Targets
Banner offers a wide selection of high-quality retroreflective targets. See
www.bannerengineering.com for complete information.
Note: Polarized sensors require corner cube type
retroreflective targets. Non-polarized sensors may use any
retroreflective target.
Brackets
SMB30C
•
30 mm split clamp, black PBT
bracket
•
Stainless steel mounting
hardware included
•
Mounting hole for 30 mm
sensor
66
56
13
A
B
Hole center spacing: A=ø 45
Hole size: B=ø 27.2
SMB30MM
•
12-ga. stainless steel bracket
with curved mounting slots for
versatile orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm
sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMB30SC
•
Swivel bracket with 30 mm
mounting hole for sensor
•
Black reinforced thermoplastic
polyester
•
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
Output Timing Logic and Signal Strength Display Modules
Q45 sensors easily accept the addition of output timing logic and signal strength display functions. Display modules have a seven-
element display that gives a more precise indication of excess gain than does the AID™ system LED that is standard on Q45 sensors. The
modules listed below may be used with all Q45VR2 sensors. Refer to the module's datasheet for more information.
Models
Logic and/or Display Function
45LM58
Programmable output timing logic
45LM58D
Programmable output timing logic plus signal strength display
45LMD
Signal strength display only (no timing function)
Q45VR2 Series Sensors
10
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com