Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LP Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # Q45VR2LP
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LP Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button Q45VR2LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 9Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 10Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Wiring Diagrams
Sensors with Attached Cable
Sensors with Quick-Disconnect 5-Pin Mini-Style (model
suffix Q)
blue
yellow
white
NC
C
NO
brown
black
90–250 V ac
NC
C
NO
blue
yellow
white
brown
black
90–250 V ac
Q452E Emitter with Attached Cable
Q452E Emitter with Quick-Disconnect 3-Pin Mini-Style
(model suffix Q)
brown
blue
90–250 V ac
brown
black
blue
90–250 V ac
Accessories
3-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-306
1.83 m (6.5 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
2
3
1
1 = Black
2 = Brown
3 = Blue
MBCC-312
3.66 m (12 ft)
MBCC-330
9.14 m (30 ft)
SMICC-306
1.83 m (6.5 ft)
Straight
SMICC-312
3.66 m (12 ft)
SMICC-330
9.14 m (30 ft)
SM30CC-306
1.83 m (6.5 ft)
Straight
1 = Red/Black
2 = Red/White
3 = Green
SM30CC-312
3.66 m (12 ft)
5-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-506
1.83 m (6 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
1
2
4
3
5
1 = Black
2 = Blue
3 = Yellow
4 = Brown
5 = White
MBCC-512
3.66 m (12 ft)
MBCC-530
9.14 m (30 ft)
Q45VR2 Series Sensors
P/N 36339 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com