Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LP Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # Q45VR2LP
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LP Datasheet(HTML) 5 Page - Banner Engineering Corp.

  Q45VR2LP Datasheet HTML 1Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 2Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Glass Fiber Optic Models
These models are an excellent choice for glass fiber optic applications where faster sensor response is not important.
Their high excess gain means that opposed individual fibers can operate reliably in many very hostile environments.
Also, special miniature bifurcated fiber optic assemblies with bundle sizes as small as 0.5 mm (.020 in) dia. may be used
successfully for diffuse-mode sensing when using sensor model Q45VR2F(Q). For more information on compatible glass
fiber optics, refer to your current catalog.
Diffuse mode performance curves are based on a 90% reflectance white test card.
Range: Range varies by sensing mode and fiber optics used.
Output Type: SPDT Electro-mechanical relay
GLASS FIBER
Infrared, 880 nm and
Visible red, 650 nm
Infrared, 880 nm
Models
Cable
Excess Gain
Beam Pattern
Q45VR2F
5-wire 2 m (6.5 ft) cable
1
10
100
0.1 m
0.33 ft
1.0 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
2.0 m
75 in
1.6 m
60 in
1.2 m
45 in
0.8 m
30 in
0.4 m
15 in
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2.0 in
4.0 in
6.0 in
2.0 in
4.0 in
6.0 in
DISTANCE
Q45F
Opposed Mode
IT23S Fibers
IT13S Fibers
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
1.3 mm
2.5 mm
3.8 mm
1.3 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
Q45VR2FQ
5-Pin Mini-style QD
Visible Red, 650 nm
Models
Cable
Excess Gain
Beam Pattern
Q45VR2FV
5-wire 2 m (6.5 ft) cable
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FV
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FV
Diffuse Mode
BT23S Fiber
BT13S
Fiber
300 mm
12 in
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Q45FV
Opposed Mode
IT23S Fibers
IT13S Fibers
25 mm
1.0 in
20 mm
0.8 in
15 mm
0.6 in
10 mm
0.4 in
5 mm
0.2 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
DISTANCE
Q45FV
Diffuse Mode
BT23S Fiber
BT13S Fiber
Q45VR2FVQ
5-Pin Mini-style QD
Q45VR2 Series Sensors
P/N 36339 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com