Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7KA00-R0 Datasheet(PDF) 51 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7KA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7KA00-R0 Datasheet(HTML) 51 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7KA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Packaging
50
13
s Minimum Quantity
Part Number
Taping ø180mm
2,000
2,000
2,000
Ammo Pack
1,500
1,500
1,000
1,500
1,500
Bulk
500
500
500
500
500
500
SFECV
SFECS
SFELA
SFELB
SFVLA
SFKLA
SFTLA
CDACV / CDSCA
CDALA
s Chip Type CERAFILr
SFECV Series
10 max.
Peeling strengh (0.1
Y0.7N)
Cover Tape
Part number marked side is always facing upside.
The feeding holes side of cavity tape is always input terminal.
User Direction of Feed
3.0
T0.1
4.0
T0.1
φ1.5 W
0.1
Y0.0
2.0
T0.05
4.0
T0.1
3 max.
∗∗
∗∗
∗∗
∗∗
∗∗
Chip Filter
s Small Chip Type CERAFILr
SFECS Series
Chip Filter
φ1.55T0.05
40
T0.15
10 pitch accumulated
User direction of feed
Cover film
Peeling strength
0.1~0.7N
3˚max.
10˚ max.
(in mm)
4.0
T0.1
2.0
T0.05
4.0
T0.1
3.45
3.35
T0.1
· Part Number marked side is always facing upside.
· The feeding holes side of cavity tape is always input terminal.
s Chip Type Discriminator
CDACV Series
3 max.
10 max.
Peeling strengh (0.1
Y0.7N)
Cover Tape
Part number marked side is always facing upside.
User Direction of Feed
3.0
T0.1
4.0
T0.1
φ1.5 W
0.1
Y0.0
2.0
T0.05
4.0
T0.1
φ1.5 W
0.1
Y0.0
2.0
T0.05
4.0
T0.1
s Chip Type Low-Profile Type Discriminator
CDSCA Series
(in mm)
4.0
±0.1
Cover Film
4.0
±0.1
2.0
±0.05
Ø1.5
+0.1
-0
Ø1.5
+0.1
-0
Direction of Feed
Part Number marked side is always facing upside
3˚max.
2.2
±0.1
The cover film peel
strength force 0.1~0.7N
10˚
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com