Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7KA00-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7KA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7KA00-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SFECV10M7KA00-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
2
e
LA
w
E
q
SF
r
10M7
t
FAA0
y
-R0
(Global Part Number)
qProduct ID
wOscillation/Numbers of Element
CERAFIL
r
for FM
SF
Ceramic Filters
Four-digit alphanumerics express
pass-bandwidth, center frequency tolerance,
rank, series, others.
Product ID
tProduct Specification
FAA0
Code
Product Specification
p is expressed "A" or subsequent code, which indicates the size.
eStructure/Size
Bulk
Plastic Taping ø180mm
Plastic Taping ø330mm
1500pcs. /Radial Taping H0=18mm
1000pcs. /Radial Taping H0=18mm
yPackaging
-B0
-R0
-R1
-A0
-A1
Code
Packaging
Radial taping is applied to lead type and plastic taping to chip type.
With non-standard products, two-digit alphanumerics indicating
"Individual Specification" is added between "
tProduct Specification"
and "
yPackaging".
2 Elements Thickness Expander mode
3 Elements Thickness Expander mode
2 Elements Thickness Expander mode
(2nd Harmonic)
2 Elements Thickness Expander mode
(3rd Over Tone)
E
T
K
V
Code
Oscillation/Numbers of Element
Lead Type
Chip Type
Lp
Cp
Code
Structure/Size
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (MHz).
Decimal point is expressed by capital letter "M".
e
LA
w
A
r
10M7
t
GA
u
-R0
y
001
q
CD
(Global Part Number)
qProduct ID
wOscillation
Discriminators for FM
CD
Discriminators
Product ID
tProduct Specification
GA
Code
Product Specification
Radial taping is applied to lead type and plastic taping to chip type.
With non-standard products, an alphanumerics indicating "Individual
Specification" is added between "
yIC" and "uPackaging".
eStructure/Size
Bulk
Radial Taping H0=18mm
Plastic Taping (ø180mm)
Plastic Taping (ø330mm)
yIC
001
Code
IC
Applicable IC Control Code
uPackaging
-B0
-A0
-R0
-R1
Code
Packaging
Thickness Expander mode
A
Code
Oscillation
Lead Type
Chip Type
Lp
Cp
Code
Structure/Size
p is expressed "A" or subsequent code, which indicates the size.
Two-digit alphanumerics express
type, center frequency, rank, others
rNominal Center Frequency
Expressed by four-digit alphanumerics . The unit is in hertz (MHz).
Decimal point is expressed by capital letter "M".
o Part Numbering
The structure of the "Global Part Numbers" that have been adopted since June 2001 and the meaning of each code are described herein.
If you have any questions about details, inquire at your usual Murata sales office or distributor.
()
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com